Part Number Hot Search : 
P6KE51A ISF0505A 2SK1215 RN2008 NTE23 DA05N10 C1024 CLV1215E
Product Description
Full Text Search
 

To Download AQV454 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  he photomos (aqv45 ? , AQV454h) types * indicate the peak ac and dc values. note: for space reasons, the smd terminal shape indicator a and the package type indicator xand z are omitted from the seal. high sensitivity and low on-resistance. dip (1 form b) 6-pin type. he photomos (aqv45 ? , a qv454h) type i/o isolation output rating* part no. pac king quantity load voltage load current through hole terminal surface-mount terminal tube packing style tape and reel packing style tube tape and reel picked from the 1/2/3-pin side picked from the 4/5/6-pin side ac/dc 1,500 v ac 250 v 200 ma aqv453 aqv453a aqv453ax aqv453az 1 tube contains 50 pcs. 1 batch contains 500 pcs. 1,000 pcs. 400 v 150 ma AQV454 AQV454a AQV454ax AQV454az reinforced 5,000 v ac AQV454h AQV454ha AQV454hax AQV454haz testing (standard type)(standard type) mm inch 8.8 .346 6.4 .252 3.9 .154 8.8 .346 6.4 .252 3.6 .142 1 2 3 6 5 4 features 1. form b (normally-closed) type has been realized thanks to the built-in mosfet processed by our proprietary method, dsd (double-diffused and selective doping) method. 2. controls low-level analog signals photomos relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 3. high sensitivity, low on resistance can control a maximum 0.15 a load current with a 5 ma input current. low on resistance of 16 ? (AQV454). stable operation because there are no metallic contact parts. 4. controls various types of load such as relays, motors, lamps and solenoids. 5. eliminates the need for a power supply to drive the power mosfet a power supply used to drive the power mosfet is unnecessary because of the b uilt-in optoelectronic device. this results in easy circuit design and small pc board area. 6. low thermal electromotive force (approx. 1 v) (basic insulation) 7. reinforced insulation 5,000 v type also available. more than 0.4 mm .016 inch internal insulation distance between inputs and outputs. conforms to iec950 (reinforced insulation). typical applications ? security equipment ? high-speed inspection machines ? measuring instruments ? telephone equipment ? sensors         source electrode n C n + n + n + p + n + n + p + gate electrode passivation membrane cross section of the normally-closed type of power mos intermediate insulating membrane gate oxidation membrane drain electrode all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
he photomos (aqv45 ? , AQV454h) rating 2. electrical characteristics (ambient temperature: 25 c 77 f ) note: recommendable led forward current. standard type: i f = 5 ma reinforced type: i f = 5 to 10 ma *operate/reverse time item symbol type of connec- tion aqv453(a) AQV454(a) AQV454h(a) remarks input led operate (off) current typical i foff 1 ma 0.9 ma 1.4 ma i l = max. maximum 3 ma led reverse (on) current minimum i fon 0.4 ma i l = max. typical 0.9 ma 0.8 ma 1.3 ma led dropout voltage typical v f 1.25 v (1.14 v at i f =5 ma) i f = 50 ma maximum 1.5 v output on resistance typical r on a 5.5 ? 12.4 ? i f = 0 ma i l = max. within 1 s on time maximum 8 ? 16 ? typical r on b 2.7 ? 6.2 ? i f = 0 ma i l = max. within 1 s on time maximum 4 ? 8 ? typical r on c 1.4 ? 3.1 ? i f = 0 ma i l = max. within 1 s on time maximum 2 ? 4 ? off state leakage current maximum i leak 1 a1 a 10 a i f = 5 ma v l = max. tr ansfer characteristics switching speed operate (off) time* typical t off 1.52 ms 1.2 ms 1.8 ms i f = 0 ma ? 5 ma i l = max. maximum 3 ms 2.0 ms 3.0 ms reverse (on) time* typical t on 0.4 ms 0.36 ms 0.4 ms i f = 5 ma ? 0 ma i l = max. maximum 1 ms i/o capacitance typical c iso 1.3 pf f = 1 mhz v b = 0 v maximum 3 pf initial i/o isolation resistance minimum r iso 1,000 m ? 500 v dc 1. absolute maximum ratings (ambient temperature: 25 c 77 f ) item symbol type of connec- tion aqv453(a) AQV454(a) AQV454h(a) remarks input led forward current i f 50 ma led reverse voltage v r 5 v peak forward current i fp 1 a f = 100 hz, duty factor = 0.1% pow er dissipation p in 75 mw output load voltage (peak ac) v l 250 v 400 v continuous load current i l a 0.2 a 0.15 a a connection: peak ac, dc b,c connection: dc b 0.3 a 0.18 a c 0.4 a 0.25 a peak load current i peak 0.6 a 0.5 a a connection: 100 ms (1 shot), v l = dc pow er dissipation p out 360 mw total power dissipation p t 410 mw i/o isolation voltage v iso 1,500 v ac 5,000 v ac temperature limits operating t opr C40 c to +85 c C40 f to +185 f non-condensing at low temperatures storage t stg C40 c to +100 c C40 f to +212 f toff input output 10% 90% ton all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
he photomos (aqv45 ? , AQV454h) reference data 1. load current vs. ambient temperature characteristics allowable ambient temperature: C40 c to +85 c C40 f to +185 f type of connection: a 2. on resistance vs. ambient temperature characteristics measured portion: between terminals 4 and 6; led current: 0 ma; load voltage: max. (dc); continuous load current: max. (dc) 3. operate (off) time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 0 50 100 200 150 0204060 C20 8085100C40 ambient temperature, c load current, ma aqv453 AQV454(h) 0 8 10 12 14 C40 16 0 C20 20 40 60 8085 ambient temperature, c on resistance, ? AQV454(h) aqv453 0 2 3 C40 5 0 C20 20 40 60 8085 1 4 AQV454h ambient temperature, c operate (off) time, ms aqv453 AQV454 4. reverse (on) time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 5. led operate (off) current vs. ambient temperature characteristics load voltage: max. (dc); continuous load current: max. (dc) 6. led reverse (on) current vs. ambient temperature characteristics load voltage: max. (dc); continuous load current: max. (dc) 0 0.5 1.0 2.0 2.5 C40 0 C20 20 40 60 8085 AQV454h AQV454, aqv453 1.5 ambient temperature, c reverse (on) time, ms 0 1 2 3 4 C40 5 0 C20 20 40 60 8085 AQV454h ambient temperature, c led operate (off) current, ma AQV454 aqv453 0 1 2 3 4 C40 5 0 C20 20 40 60 80 AQV454h AQV454 aqv453 ambient temperature, c led reverse (on) current, ma 7. led dropout voltage vs. ambient temperature characteristics led current: 5 to 50 ma 8. current vs. voltage characteristics of output at mos portion measured portion: between terminals 4 and 6; ambient temperature: 25 c 77 f 9. off state leakage current vs. load voltage characteristics sample: AQV454; measured portion: between terminals 4 and 6; ambient temperature: 25 c 77 f 0 1.0 1.1 1.2 1.3 C40 0 C20 20 40 60 80 85 1.4 50ma 30ma 20ma 10ma 5ma 1.5 ambient temperature, c led dropout voltage, v C3 200 160 120 80 40 C200 C160 C120 C80 C40 0 aqv453 AQV454(h) 1 2 3 C2 C1 0 voltage, v current, ma 0 60 100 10 C3 10 C6 10 C9 10 C12 20 40 80 load voltage, v off state leakage current, a 10. operate (off) time vs. led forward current characteristics measured portion: between terminals 4 and 6; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 11. reverse (on) time vs. led forward current characteristics measured portion: between terminals 4 and 6; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 12. output capacitance vs. applied voltage characteristics measured portion: between terminals 4 and 6; frequency: 1 mhz; ambient temperature: 25 c 77 f 0 2 4 6 10 8 10 20 30 40 50 60 AQV454, aqv453 AQV454h led forward current, ma opperate (off) time, ms 0 0.2 0.4 0.8 0.6 10 20 30 40 1.0 50 60 AQV454h led forward current, ma reverse (on) time, ms AQV454, aqv453 applied voltage, v output capacitance, pf 0 100 400 300 200 10 20 30 40 50 0 aqv453 AQV454(h) all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.


▲Up To Search▲   

 
Price & Availability of AQV454

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X